Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6670AS Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 8Page - STMicroelectronics PM6670AS Datasheet HTML 9Page - STMicroelectronics PM6670AS Datasheet HTML 10Page - STMicroelectronics PM6670AS Datasheet HTML 11Page - STMicroelectronics PM6670AS Datasheet HTML 12Page - STMicroelectronics PM6670AS Datasheet HTML 13Page - STMicroelectronics PM6670AS Datasheet HTML 14Page - STMicroelectronics PM6670AS Datasheet HTML 15Page - STMicroelectronics PM6670AS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
Electrical characteristics
PM6670AS
12/54
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Power management section
S3,S5
Turn OFF level
0.4
V
Turn ON level
1.6
VMODE
MODE pin high level
threshold
VAVCC -0.7
MODE pin low level
threshold
VAVCC -
1.3
VDDRSEL
DDRSEL pin high level
threshold
VAVCC -0.8
DDRSEL pin middle level
window
1.0
VAVCC -
1.5
DDRSEL pin low level
threshold
0.5
VDSCG
DSCG pin high level
threshold
VAVCC -0.8
DSCG pin middle level
window
1.0
2.0
DSCG pin low level
threshold
0.5
IIN,LEAK Logic inputs leakage current
S3, S5 = 5 V
10
µA
IIN3,LEAK
Multilevel inputs leakage
current
MODE, DDRSEL and
DSCG = 5 V
10
µA
IOSC,
LEAK
VOSC input leakage current
VOSC = 500 mV
1
µA
Thermal shutdown
TSHDN
Shutdown temperature (2)
150
°C
1.
Specifications referred to TJ = TA. All the parameters at operating temperatures extremes are guaranteed by design and
statistical correlation (not production tested)
2.
Guaranteed by design. Not production tested
Table 6.
Electrical characteristics (continued)
TA = -25 °C to 85 °C , VCC = AVCC = +5 V and LDOIN connected to VDDQ output if not
otherwise specified (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com