Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6670AS Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 32Page - STMicroelectronics PM6670AS Datasheet HTML 33Page - STMicroelectronics PM6670AS Datasheet HTML 34Page - STMicroelectronics PM6670AS Datasheet HTML 35Page - STMicroelectronics PM6670AS Datasheet HTML 36Page - STMicroelectronics PM6670AS Datasheet HTML 37Page - STMicroelectronics PM6670AS Datasheet HTML 38Page - STMicroelectronics PM6670AS Datasheet HTML 39Page - STMicroelectronics PM6670AS Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Device description
PM6670AS
36/54
7.1.11
Over voltage and under voltage protections
When the switching output voltage is about 115 % of its nominal value, a latched Over-
Voltage Protection (OVP) occurs. In this case the synchronous rectifier immediately turns on
while the high-side MOSFET turns OFF. The output capacitor is rapidly discharged and the
load is preserved from being damaged. The OVP is also active during the soft-start. Once
an OVP has occured, a toggle on S5 pin or a Power-On-Reset is necessary to exit from the
latched state.
When the switching output voltage is below 70 % of its nominal value, a latched Under-
Voltage Protection occurs. This event causes the switching section to be immediately
disabled and both switches to be opened. The controller enters in soft-end mode and the
output is eventually kept to ground, turning the low side MOSFET on when the voltage is
lower than 400 mV. If S3 and S5 are forced low, the low-side MOSFET is released and only
the 22
Ω switch is active.
The Under-Voltage Protection circuit is enabled only at the end of the soft-start. Once an
UVP has toccured, a toggle on S5 pin or a Power-On-Reset is necessary to clear the fault
state and restart the device.
7.1.12
Device thermal protection
The internal control circuitry of the PM6670AS self-monitors the junction temperature and
turns all outputs off when the 150 °C limit has been overrun. This event causes the switching
section to be immediately disabled and both switches to be opened. The controller enters in
soft-end Mode and the output is eventually kept to ground, turning the low side MOSFET on
when the voltage is lower than 400 mV. If S3 and S5 are forced low, the low-side switch is
released and only the 22
Ω discharge MOSFET is active.
The thermal fault is a latched protection and normal operating condition is restored by a
Power-On Reset or toggling S5.
Table 3. OV, UV and OT faults management
Fault
Conditions
Action
VDDQ over voltage
VDDQ > 115 % of the
nominal value
LGATE pin is forced high and the device latches off.
Exit by a Power-On Reset or toggling S5
VDDQ under voltage
VDDQ < 70 % of the
nominal value
LGATE pin is forced high after the soft-end, then the
device latches off. Exit by a Power-On Reset or
toggling S5.
Junction over
temperature
TJ > +150 °C
LGATE pin is forced high after the soft-end, then the
device latches off. Exit by a Power-On Reset or
toggling S5 after 15°C temperature drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com