Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6670AS Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 10Page - STMicroelectronics PM6670AS Datasheet HTML 11Page - STMicroelectronics PM6670AS Datasheet HTML 12Page - STMicroelectronics PM6670AS Datasheet HTML 13Page - STMicroelectronics PM6670AS Datasheet HTML 14Page - STMicroelectronics PM6670AS Datasheet HTML 15Page - STMicroelectronics PM6670AS Datasheet HTML 16Page - STMicroelectronics PM6670AS Datasheet HTML 17Page - STMicroelectronics PM6670AS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
Typical operating characteristics
PM6670AS
14/54
Figure 9.
VDDQ load regulation,
1.8 V, Vin = 12 V
Figure 10.
VDDQ load regulation,
1.5 V, Vin = 12 V
1.800
1.810
1.820
1.830
1.840
1.850
1.860
0.001
0.01
0.1
1
10
Output current (A)
Forced PWM
No-Audible P-S
Pulse-Skip
1.470
1.480
1.490
1.500
1.510
1.520
1.530
0.001
0.01
0.1
1
10
Output current (A)
Forced PWM
No-Audible P-S
Pulse-Skip
Figure 11.
VTT load regulation,
0.9 V, LDOIN = 1.8 V
Figure 12.
VTT load regulation,
0.75 V, LDOIN = 1.5 V
0.880
0.890
0.900
0.910
0.920
0.930
0.940
-2.5
-1.5
-0.5
0.5
1.5
2.5
Output current (A)
0.730
0.740
0.750
0.760
0.770
0.780
0.790
-2.5
-1.5
-0.5
0.5
1.5
2.5
Output current (A)
Figure 13.
VTTREF load regulation,
0.9 V, VSNS = 1.8 V
Figure 14.
No-audible pulse-skip waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com