Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6670AS Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 38Page - STMicroelectronics PM6670AS Datasheet HTML 39Page - STMicroelectronics PM6670AS Datasheet HTML 40Page - STMicroelectronics PM6670AS Datasheet HTML 41Page - STMicroelectronics PM6670AS Datasheet HTML 42Page - STMicroelectronics PM6670AS Datasheet HTML 43Page - STMicroelectronics PM6670AS Datasheet HTML 44Page - STMicroelectronics PM6670AS Datasheet HTML 45Page - STMicroelectronics PM6670AS Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
Application information
PM6670AS
42/54
The saturation current of the inductor should be greater than IL,PEAK not only in case of hard
saturation core inductors. Using soft-ferrite cores it is possible (but not advisable) to push
the inductor working near its saturation current.
In Table 6 some inductors are listed.
In Pulse-Skip Mode, low inductance values produce a better efficiency versus load curve,
while higher values result in higher full-load efficiency because of the smaller current ripple.
8.1.2
Input capacitor selection
In a buck topology converter the current that flows through the input capacitor is pulsed and
with zero average value. The RMS input current can be calculated as follows:
Equation 33
Neglecting the second term, the equation 10 is reduced to:
Equation 34
The losses due to the input capacitor are thus maximized when the duty-cycle is 0.5:
Equation 35
The input capacitor should be selected with a RMS rated current higher than ICINRMS(max).
Tantalum capacitors are good in terms of low ESR and small size, but they occasionally can
burn out if subjected to very high current during operation. Multi-Layers-Ceramic-Capacitors
(MLCC) have usually a higher RMS current rating with smaller size and they remain the best
choice. The drawback is their quite high cost.
Table 6. Evaluated inductors (@fsw = 400 kHz)
Manufacturer
Series
Inductance (ìH)
+40 °C rms
current (A)
-30 % saturation
current (A)
COILCRAFT
MLC1538-102
1
13.4
21.0
COILCRAFT
MLC1240-901
0.9
12.4
24.5
COILCRAFT
MVR1261C-112
1.1
20
20
WURTH
7443552100
1
16
20
COILTRONICS
HC8-1R2
1.2
16.0
25.4
2
L
2
LOAD
RMS
Cin
)
I
(
D
12
1
)
D
1
(
D
I
I
∆
⋅
+
−
⋅
⋅
=
)
D
1
(
D
I
I
LOAD
RMS
Cin
−
⋅
=
2
LOAD
Cin
2
CinRMS
Cin
loss
(max))
I
5
.
0
(
ESR
(max)
I
ESR
P
⋅
⋅
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com