Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA309A Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 20Page - STMicroelectronics STA309A Datasheet HTML 21Page - STMicroelectronics STA309A Datasheet HTML 22Page - STMicroelectronics STA309A Datasheet HTML 23Page - STMicroelectronics STA309A Datasheet HTML 24Page - STMicroelectronics STA309A Datasheet HTML 25Page - STMicroelectronics STA309A Datasheet HTML 26Page - STMicroelectronics STA309A Datasheet HTML 27Page - STMicroelectronics STA309A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
Registers
STA309A
24/67
7.2.2
Configuration register B (0x01) - serial input formats
Serial data interface
The STA309A audio serial input interfaces with standard digital audio components and
accepts a number of serial data formats. STA309A always acts a slave when receiving audio
input from standard digital audio components. Serial data for eight channels is provided
using 6 input pins: left/right clock LRCKI (pin 10), serial clock BICKI (pin 11), serial data 1
and 2 SDI12 (pin 9), serial data 3 and 4 SDI34 (pin 8), serial data 5 and 6 SDI56 (pin 7), and
serial data 7 and 8 SDI78 (pin 6). The SAI/SAIFB register (Configuration Register B,
address 0x01) is used to specify the serial data format. The default serial data format is I2S,
MSB-first. Available formats are shown in the tables and figure that follow.
Note:
Serial input and output formats are specified separately
For example, SAI = 1110 and SAIFB = 1 would specify right-justified 16-bit data, LSB-first.
D7
D6
D5
D4
D3
D2
D1
D0
SAIFB
SAI3
SAI2
SAI1
SAI0
0
000
0
Table 15.
SAI bits
Bit
RW
RST
Name
Description
0
RW
0
SAI0
Serial audio input interface format: determines the
interface format of the input serial digital audio
interface.
1
RW
0
SAI1
2
RW
0
SAI2
3
RW
0
SAI3
Table 16.
SAIFB bit
Bit
RW
RST
Name
Description
4
RW
0
SAIFB
Determines MSB or LSB first for all SAO formats:
0: MSB first
1: LSB first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com