Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA309A Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 24Page - STMicroelectronics STA309A Datasheet HTML 25Page - STMicroelectronics STA309A Datasheet HTML 26Page - STMicroelectronics STA309A Datasheet HTML 27Page - STMicroelectronics STA309A Datasheet HTML 28Page - STMicroelectronics STA309A Datasheet HTML 29Page - STMicroelectronics STA309A Datasheet HTML 30Page - STMicroelectronics STA309A Datasheet HTML 31Page - STMicroelectronics STA309A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Registers
STA309A
28/67
Setting the MPC bit turns on special processing that corrects the STA50x power device at
high power. This mode should lower the THD+N of a full STA50x DDX system at maximum
power output and slightly below. This mode will only be operational in OM[1,0] = 01.
7.2.5
Configuration register E (0x04)
Each individual channel output can be set to output a binary PWM stream. In this mode
output A of a channel will be considered the positive output and output B is negative inverse.
Table 24.
CSZ definition
CSZ[4:0]
Compensating pulse size
00000
0 clock period compensating pulse size
00001
1 clock period compensating pulse size
……
11111
31 clock period compensating pulse size
Table 25.
MPC bit
Bit
RW
RST
Name
Description
7RW
1
MPC
Max power correction: setting of 1 enables STA50x
correction for THD reduction near maximum power
output.
D7
D6
D5
D4
D3
D2
D1
D0
C8BO
C7BO
C6BO
C5BO
C4BO
C3BO
C2BO
C1BO
00
00
000
0
Table 26.
CnBO bits
Bit
RW
RST
Name
Description
0RW
0
C1BO
Channels 1, 2, 3, 4, 5, 6, 7, and 8 binary output
mode enable bits. A setting of 0 indicates ordinary
DDX tristate output. A setting of 1 indicates binary
output mode.
1RW
0
C2BO
2RW
0
C3BO
3RW
0
C4BO
4RW
0
C5BO
5RW
0
C6BO
6RW
0
C7BO
7RW
0
C8BO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com