Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA309A Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 32Page - STMicroelectronics STA309A Datasheet HTML 33Page - STMicroelectronics STA309A Datasheet HTML 34Page - STMicroelectronics STA309A Datasheet HTML 35Page - STMicroelectronics STA309A Datasheet HTML 36Page - STMicroelectronics STA309A Datasheet HTML 37Page - STMicroelectronics STA309A Datasheet HTML 38Page - STMicroelectronics STA309A Datasheet HTML 39Page - STMicroelectronics STA309A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
Registers
STA309A
36/67
7.2.23
Channel 4 volume trim, mute, bypass (0x16)
7.2.24
Channel 5 volume trim, mute, bypass (0x17)
7.2.25
Channel 6 volume trim, mute, bypass (0x18)
7.2.26
Channel 7 volume trim, mute, bypass (0x19)
7.2.27
Channel 8 volume trim, mute, bypass (0x1A)
The volume structure of the STA309A consists of individual volume registers for each
channel and a master volume register that provides an offset to each channels volume
setting. There is also an additional offset for each channel called the channel volume trim.
The individual channel volumes are adjustable in 0.5 dB steps from +48 dB to -78 dB. As an
example if C5V = 0xXX or +XXX dB and MV = 0xXX or -XX dB, then the total gain for
channel 5 = XX dB. The channel volume trim is adjustable independently on each channel
from -10 dB to +10 dB in 1 dB steps. The master mute when set to 1 will mute all channels
at once, whereas the individual channel mutes (CnM) will mute only that channel. Both the
master mute and the channel mutes provide a "soft mute" with the volume ramping down to
mute in 8192 samples from the maximum volume setting at the internal processing rate
(~192 kHz). A "hard mute" can be obtained by commanding a value of 0xFF (255) to any
channel volume register or the master volume register. When volume offsets are provided
via the master volume register any channel that whose total volume is less than -91 dB will
be muted. All changes in volume take place at zero-crossings when ZCE = 1 (configuration
register H) on a per channel basis as this creates the smoothest possible volume transitions.
When ZCE = 0, volume updates occur immediately. Each channel also contains an
individual channel volume bypass. If a particular channel has volume bypassed via the
CnVBP = 1 register then only the channel volume setting for that particular channel affects
D7
D6
D5
D4
D3
D2
D1
D0
C4M
C4VBP
C4VT4
C4VT3
C4VT2
C4VT1
C4VT0
00
01
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C5M
C5VBP
C5VT4
C5VT3
C5VT2
C5VT1
C5VT0
00
01
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C6M
C6VBP
C6VT4
C6VT3
C6VT2
C6VT1
C6VT0
00
01
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C7M
C7VBP
C7VT4
C7VT3
C7VT2
C7VT1
C7VT0
00
01
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C8M
C8VBP
C8VT4
C8VT3
C8VT2
C8VT1
C8VT0
00
01
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com