Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA309A Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 25Page - STMicroelectronics STA309A Datasheet HTML 26Page - STMicroelectronics STA309A Datasheet HTML 27Page - STMicroelectronics STA309A Datasheet HTML 28Page - STMicroelectronics STA309A Datasheet HTML 29Page - STMicroelectronics STA309A Datasheet HTML 30Page - STMicroelectronics STA309A Datasheet HTML 31Page - STMicroelectronics STA309A Datasheet HTML 32Page - STMicroelectronics STA309A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
STA309A
Registers
29/67
7.2.6
Configuration register F (0x05)
The STA309A features an internal digital high-pass filter for the purpose of AC coupling. The
purpose of this filter is to prevent DC signals from passing through a DDX amplifier. DC
signals can cause speaker damage.
If HPB = 1, then the filter that the high-pass filter utilizes is made available as user-
programmable biquad#1.
Both limiters can be used in one of two ways, anti-clipping or dynamic range compression.
When used in anti-clipping mode the limiter threshold values are constant and dependent on
the limiter settings.
In dynamic range compression mode the limiter threshold values vary with the volume
settings allowing a nighttime listening mode that provides a reduction in the dynamic range
regardless of the volume level.
By setting this bit to one de-emphasis will implemented on all channels. When this is used it
takes the place of biquad #7 in each channel and any coefficients using biquad #1 will be
ignored. DSPB (DSP bypass) bit must be set to 0 for de-emphasis to function.
D7
D6
D5
D4
D3
D2
D1
D0
PWMS2
PWMS1
PWMS0
BQL
PSL
DEMP
DRC
HPB
00
00
000
0
Table 27.
HPB bit
Bit
RW
RST
Name
Description
0RW
0
HPB
High-pass filter bypass bit: setting of one bypasses
internal AC coupling digital high-pass filter
Table 28.
DRC bit
Bit
RW
RST
Name
Description
1
RW
0
DRC
Dynamic range compression/anti-clipping
0: limiters act in anti-clipping mode
1: limiters act in dynamic range compression mode
Table 29.
DEMP bit
Bit
RW
RST
Name
Description
2RW
0
DEMP
De-emphasis:
0: no de-emphasis
1: de-emphasis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com