Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA309A Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 36Page - STMicroelectronics STA309A Datasheet HTML 37Page - STMicroelectronics STA309A Datasheet HTML 38Page - STMicroelectronics STA309A Datasheet HTML 39Page - STMicroelectronics STA309A Datasheet HTML 40Page - STMicroelectronics STA309A Datasheet HTML 41Page - STMicroelectronics STA309A Datasheet HTML 42Page - STMicroelectronics STA309A Datasheet HTML 43Page - STMicroelectronics STA309A Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
Registers
STA309A
40/67
Channels 1-6 must be arranged via channel mapping (registers CnIM) if necessary in the
following manner for this operation:
Channel 1: left
Channel 2: right
Channel 3: left surround
Channel 4: right surround
Channel 5: center
Channel 6: LFE.
7.2.33
AUTO2 - AutoModes bass management2 (0x20)
Setting the AMBMME bit enables the proper mixing to take place for various preset bass
management configurations. Setting the AMBMXE bit enables the proper crossover filtering
in biquad #7 to take place. The crossover for bass management is always 2nd order
(24 dB/oct) and the crossover frequency is determined by register bits PREEQ.XO[2:0].
All configurations of Dolby Bass Management can be performed in the IC. These different
configurations are selected as they would be by the end-user.
The AutoMode bass management settings utilize channels 1-6 on the Mix #1 engine,
Channels 1-6 biquad #6, and channels 1-2 on the mix #2 engine in configuration #2. These
functions cannot be user programmed while the bass management automode is active.
Not all settings are valid as some configurations are unlikely and do not have to be
supported by Dolby specification.
Automatic crossover settings are provided or custom crossovers can be implemented using
the available programmable biquads.
D7
D6
D5
D4
D3
D2
D1
D0
SUB
RSS1
RSS0
CSS1
CSS0
FSS
AMBMXE
AMBMME
10
00
000
0
Table 56.
AMBMME bit
Bit
RW
RST
Name
Description
0
RW
0
AMBMME
0: AutoMode bass management mix disabled
1: AutoMode bass management mix enabled
Table 57.
AMBMXE bit
Bit
RW
RST
Name
Description
1
RW
0
AMBMXE
0: AutoMode bass management crossover disabled
1: AutoMode bass management crossover enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com