Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2841 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2841
Description  1.5ASW Current, 40V Precision WLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2841 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2841 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Configuration & Marking Information
3
1
2
3
4
5
6
7
8
TOP View
MSOP-8
XXX: Internal Code
Y: Year
W: Weekly
PAM2841
1.5A SW Current, 40V Precision WLED Driver
,
Power Analog Microelectronics Inc
www.poweranalog.com
Pin number
Name
Description
1
PGND
Power Ground
2
VIN
Input Voltage
3
ENA
Chip Enable, Active High
4Comp
Compensation Node
5
GND
Chip Ground
6
FB
Feedback
7OVP
Over Voltage
8
SW
Drain of Main Switch.
08/2008 Rev 1.3
DFN2X2
1
2
3
4
8
7
6
5
EM: Product Code
X: Internal Code
Y: Year
W: Weekly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com