Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2841 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2841
Description  1.5ASW Current, 40V Precision WLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2841 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2841 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Operating Characteristics
T =25 C,V =5V, unless otherwise noted
ADD
°
.
1. Efficiency VS Input Voltage
2. Efficiency VS Load Current
PAM2841
1.5A SW Current, 40V Precision WLED Driver
I
=20mA, L=22 H
LED
µ
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
08/2008 Rev 1.3
50%
55%
60%
65%
70%
75%
80%
85%
90%
234
56
Input Voltage(V)
6LED
8LED
10LED
12LED
6LED,L=22 H
µ
0.6
0.65
0.7
0.75
0.8
0.85
0.9
234
56
Input Voltage(V)
L=4.7uH
L=10uH
L=22uH
L=33uH
L=47uH
3. Efficiency VS Input Voltage
I
=20mA, 10 LED
LED
10
20
30
40
50
60
Output Current
(mA)
60
%
65
%
70
%
75
%
80
%
85
%
90
%
95
%
0
V=5V
DD
VDD=3.6V
4. LED Current V
Output Voltage
S
0
0.1
0.2
0.3
0.4
0.5
8
12
16202428
3236
Output Voltage (V)
VDD=5V
VDD=3V
L=
H
47µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com