Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2841 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2841
Description  1.5ASW Current, 40V Precision WLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2841 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2841 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Operating Characteristics
T =25 C,V =5V, unless otherwise noted
ADD
°
.
PAM2841
1.5A SW Current, 40V Precision WLED Driver
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
08/2008 Rev 1.3
11.LED Current VS Duty CycleofPWM
12. LED Current VS Duty Cycle of PWM
f=200Hz
f=100Hz
Theoretic
0
5
10
15
20
25
0%
20%
40%
60%
80%
100%
Duty Cycle of PWM
(PWM@COMP Pin)
10. Frequency VS Temperature
9. Quiescent Current VS Input Voltage
0
20
40
60
80
100
120
140
160
180
200
234
56
Input voltage (V)
1.05
1.06
1.07
1.08
1.09
1.1
1.11
1.12
1.13
0
20
40
60
80
100
120
140
Temperature
(10 LED, I
=20mA)
LED
0
2
4
6
8
10
12
14
16
18
20
0%
20%
40%
60%
80%
100%
Duty Cycle of PWM
f=100HZ
f=200Hz
theoretic
(PWM@EN Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com