Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2841 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM2841
Description  1.5ASW Current, 40V Precision WLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2841 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM2841 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Information
9
PAM2841
1.5A SW Current, 40V Precision WLED Driver
,
Power Analog Microelectronics Inc
www.poweranalog.com
Inductor Selection
Schottky Diode Selection
Input and Output Capacitor Selection
Input Capacitor
Output Capacitor
Dimming Control
1). Using an External PWM Signal to EN Pin
The selection of the inductor affects steady state
operation as well as transient behavior and loop
stability. These factors make it the most important
component in power regulator design. There are
three important inductor specifications, inductor
value, DC resistance and saturation current.
Considering inductor value alone is not enough.
The inductor value determines the inductor ripple
current. Choose an inductor that can handle the
necessary peak current without saturation, the
inductor DC current given by:
Iin_dc=Vout*Iout/(Vin* )
=efficiency.
Inductor values can have ±20% tolerance with no
current bias. W hen the i nductor c urrent
approaches saturation level, its inductance can
decrease 20% to 35% from the 0A value
depending on how the inductor vendor defines
saturation current. Using an inductor with a
smaller inductance value causes discontinuous
PWM when the inductor current ramps down to
zero before the end of each switching cycle. This
reduces the boost converter's maximum output
current, causes large input voltage ripple and
reduces efficiency. Large inductance value
provides much more output current and higher
conversion efficiency. For these reasons, an
inductor within
value range is
recommended.
The high switching frequency of the PAM2841
demands a high-speed rectification for optimum
efficiency. Ensure that the diode average and
peak current rating exceeds the average output
current and peak inductor current. In addition, the
diode's reverse breakdown voltage must exceed
the open protection voltage.
At least a 1 F input capacitor is recommended to
reduce the input ripple and switching noise for
normal operating conditions. Larger value and
lower ESR (Equivalent Series Resistance) may
be needed if the application require very low input
ripple. It follows that ceramic capacitors are a
good choice for applications. Note that the input
capacitor should be located as close as possible
to the device.
The output capacitor is mainly selected to meet
the requirement for the output ripple and loop
stability. This ripple voltage is related to the
capacitor's capacitance and its equivalent series
resistance (ESR). A output capacitor of 1μF
is recommended and maybe need a
larger capacitor. The total output voltage ripple
has two components: the capacitive ripple
caused by the charging and discharging on the
output capacitor, and the ohmic ripple due to the
capacitor's equivalent series resistance (ESR):
V=V
+V
V
1/2*(L/(C
*((V
-V
))))*(I
-
I)
V=I
*R
Where
is the peak inductor current.
Multilayer ceramic capacitors are an excellent
choice as they have extremely low ESR and are
available in small footprints. Capacitance and
ESR variation with temperature should be
considered for best performance in applications
with wide operating temperature ranges.
There are 4 different types of dimming control
methods:
With the PWM signal applied to the EN pin, the
PAM2841 is alternately turned on or off by the
PWM signal. The LEDs operate at either zero or
full current. The average LED current changes
proportionally with the duty cycle of the PWM
signal. A 0% duty cycle turns off the PAM2841 and
leads to zero LED current. A 100% duty cycle
generates full current.Also the recommend
dimming frequency is between 100Hz and 200Hz.
I
=I
* (T
–T
)/(T +T
)
where
: on time of a period
: 0.85ms
: off time of a period
: on state current (full current)
ηη
μ
4.7μH to 22μH
minimum
I
RIPPLE
RIPPLE(C)
RIPPLE(ESR)
RIPPLE(C)
OUT
OUT(MAX)
IN(MIN)
OUT
RIPPLE(ESR)
PEAK
ESR(COUT)
AVE
STATE
ON
STARTUP
ON
OFF
2
2
PEAK
PEAK
ON
STARTUP
OFF
STATE
T
T
T
I
08/2008 Rev 1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com