Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2841 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2841
Description  1.5ASW Current, 40V Precision WLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2841 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2841 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage.............................................6.0V
Output Current............................................50mA
I/O Pin Voltage Range.........GND-0.3V to V +0.3V
Maximum SW Pin Voltage...............................40V
Storage Temperature.....................-40 C to 150 C
Maximum Junction Temperature..................150 C
Soldering Temperature.......................300 C,5sec
DD
OO
O
O
Recommended Operating Conditions
Supply Voltage Range........................2.8V to 5.5V
Operation Temperature Range..........-40 C to 85 C
Junction Temperature Range.............0 C to 125 C
OO
OO
Thermal Information
4
Electrical Characteristic
V =V =5.0V, 10 LEDs, T =25
unless otherwise noted
EN
DD
A
,.
OC
PAM2841
1.5A SW Current, 40V Precision WLED Driver
,
Power Analog Microelectronics Inc
www.poweranalog.com
Parameter
Symbol
Package
Maximum
Unit
MSOP
180
°C/W
Thermal Resistance
(Junction to Ambient)
θJA
DFN
102
°C/W
MSOP
40
°C/W
Thermal Resistance
(Junction to Case)
θJC
DFN
20
°C/W
Parameters
Symbol
Test Conditions
MIN.
TYP.
MAX.
UNITS
Supply Voltage Range
VDD
2.7
5.5
V
Quiescent Current
IQ
No Switching
200
300
μA
Shutdown Current
ISD
VENA=low
1
μA
R3=5.1Ω
40
R3=6.8Ω
30
R3=10Ω
20
Output Current
IO
R3=20Ω
10
mA
Output Voltage Range
VO
VINx1.1
40
V
Feedback Voltage
VFB
VENA=high
194
200
206
mV
SW On Resistance
RDS(ON)
ISW=100mA
0.35
0.5
Ω
SW Current Limit
ILIM
Switch On
1.5
A
SW Frequency
fSW
0.7
1.0
1.3
MHz
Maximum Duty Cycle
DC
95
%
Over Voltage Protection Threshold
OVP
Open Load
1.2
V
VEL
Chip Shutdown
0.4
Enable Threshold Voltage
VEH
Chip On
1.2
V
Under Voltage Lockout
UVLO
VIN falling
2.0
2.2
2.4
V
UVLO Hysterisis
VTH
0.2
V
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hysterisis
OTH
30
°C
08/2008 Rev 1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com