Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 458Page - Renesas Technology Corp H8S/2426 Datasheet HTML 459Page - Renesas Technology Corp H8S/2426 Datasheet HTML 460Page - Renesas Technology Corp H8S/2426 Datasheet HTML 461Page - Renesas Technology Corp H8S/2426 Datasheet HTML 462Page - Renesas Technology Corp H8S/2426 Datasheet HTML 463Page - Renesas Technology Corp H8S/2426 Datasheet HTML 464Page - Renesas Technology Corp H8S/2426 Datasheet HTML 465Page - Renesas Technology Corp H8S/2426 Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 434 of 1270
REJ09B0466-0100
DMA read
DMA write
Address bus
φ
EDREQ
Idle
Write
Bus release
DMA control
Channel
Write
Idle
Read
Bus release
DMA read
DMA write
One block transfer
One block transfer
Idle
Transfer
destination
Transfer source
Transfer
destination
Transfer source
[1]
[3]
[2]
[4]
[6]
[5]
[7]
Acceptance
resumed
Acceptance
resumed
Bus release
[1]
Acceptance after transfer enabling;
EDREQ pin low level is sampled at rise of φ, and request is held.
[2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC.
[3], [6] DMA cycle is started.
[4], [7] Acceptance is resumed after completion of dead cycle.
(As in [1],
EDREQ pin low level is sampled at rise of φ, and request is held.)
Minimum 3 cycles
Request
Request
Read
Minimum 3 cycles
Request clearance period
Request clearance period
Figure 8.21 Example of Block Transfer Mode Transfer Activated by
EDREQ Pin Low Level
EDREQ pin sampling is performed in each cycle starting at the next rise of φ after the end of the
EDMDR write cycle for setting the transfer-enabled state.
When a low level is sampled at the
EDREQ pin while acceptance via the EDREQ pin is possible,
the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC,
the request is cleared. At the end of the write cycle, acceptance resumes and
EDREQ pin low level
sampling is performed again; this sequence of operations is repeated until the end of the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com