| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 466 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 466 Page - Renesas Technology Corp |
|
466 / 1302 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 438 of 1270 REJ09B0466-0100 (3) EDREQ Pin Falling Edge Activation Timing Figure 8.26 shows an example of single address mode transfer activated by the EDREQ pin falling edge. DMA single Address bus φ EDREQ Idle Bus release DMA control Channel Transfer source/ destination Transfer source/ destination Bus release Idle DMA single Bus release Single Single Idle EDACK [1] [3] [2] [4] [6] [5] [7] Acceptance resumed Acceptance resumed [1] Acceptance after transfer enabling; EDREQ pin low level is sampled at rise of φ, and request is held. [2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC. [3], [6] DMA cycle start; EDREQ pin high level sampling is started at rise of φ. [4], [7] When EDREQ pin high level has been sampled, acceptance is resumed after completion of single cycle. (As in [1], EDREQ pin low level is sampled at rise of φ, and request is held.) Request clearance period Request clearance period Minimum 3 cycles Request Minimum 3 cycles Request Figure 8.26 Example of Single Address Mode Transfer Activated by EDREQ Pin Falling Edge EDREQ pin sampling is performed in each cycle starting at the next rise of φ after the end of the EDMDR write cycle for setting the transfer-enabled state. When a low level is sampled at the EDREQ pin while acceptance via the EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC, the request is cleared, and EDREQ pin high level sampling for edge sensing is started. If EDREQ pin high level sampling is completed by the end of the DMA single cycle, acceptance resumes after the end of the single cycle, and EDREQ pin low level sampling is performed again; this sequence of operations is repeated until the end of the transfer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |