Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 459Page - Renesas Technology Corp H8S/2426 Datasheet HTML 460Page - Renesas Technology Corp H8S/2426 Datasheet HTML 461Page - Renesas Technology Corp H8S/2426 Datasheet HTML 462Page - Renesas Technology Corp H8S/2426 Datasheet HTML 463Page - Renesas Technology Corp H8S/2426 Datasheet HTML 464Page - Renesas Technology Corp H8S/2426 Datasheet HTML 465Page - Renesas Technology Corp H8S/2426 Datasheet HTML 466Page - Renesas Technology Corp H8S/2426 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 435 of 1270
REJ09B0466-0100
8.4.10
EXDMAC Bus Cycles (Single Address Mode)
(1)
Single Address Mode (Read)
Figure 8.22 shows an example of transfer when
ETEND output is enabled, and byte-size, single
address mode transfer (read) is performed from external 8-bit, 2-state access space to an external
device.
RD
ETEND
Address bus
φ
Bus release
Bus release
Bus release
Last
transfer
cycle
DMA read
EDACK
DMA read
DMA read
DMA read
Bus release
Bus release
Figure 8.22 Example of Single Address Mode (Byte Read) Transfer
Figure 8.23 shows an example of transfer when
ETEND output is enabled, and word-size, single
address mode transfer (read) is performed from external 8-bit, 2-state access space to an external
device.
DMA read
RD
ETEND
Address bus
φ
Bus release
Bus release
Bus
release
Last transfer cycle
EDACK
Bus release
DMA read
DMA read
Figure 8.23 Example of Single Address Mode (Word Read) Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com