Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1054 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1054 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1050Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1051Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1052Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1053Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1058Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1054 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1026 of 1270
REJ09B0466-0100
Yes
[1]
[2]
[3]
[4]
[5]
[6]
[1]
Initial setting:
Specify the receive data format.
[2]
Start reception:
When SSRDR is dummy-read with RE = 1, reception is
started.
[3], [6] Receive error processing:
When a receive error occurs, execute the designated error
processing after reading the ORER bit in SSSR. After that,
clear the ORER bit to 0. While the ORER bit is set to 1,
transmission or reception is not resumed.
[4]
To continue single reception:
When continuing single reception, wait for time of t
SUcyc
while the RDRF flag is set to 1 and then read receive data
in SSRDR.
The next single reception starts after reading receive data
in SSRDR.
[5]
To complete reception:
To complete reception, read receive data after clearing the
RE bit to 0. When reading SSRDR without clearing the RE
bit, reception is resumed.
No
Yes
Yes
No
Start
Initial setting
Dummy-read SSRDR
Read SSSR
RDRF = 1?
ORER = 1?
Consecutive data
reception?
Read received data in SSRDR
RDRF automatically cleared
RE = 0
Read receive data in SSRDR
End reception
Overrun error processing
Clear ORER in SSSR
End reception
Note: Hatching boxes represent SSU internal operations.
No
Figure 19.8 Flowchart Example of Data Reception (SSU Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com