Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1057 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1057 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1053Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1060Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1061Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1057 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1029 of 1270
REJ09B0466-0100
19.4.6
SCS Pin Control and Conflict Error
When bits CSS1 and CSS0 in SSCRH are specified to B'10 and the SSUMS bit in SSCRL is
cleared to 0, the
SCS pin functions as an input (Hi-Z) to detect conflict error. The conflict
detection period is from setting the MSS bit in SSCRH to 1 to starting serial transfer and after
transfer ends. When a low level signal is input to the
SCS pin within the period, a conflict error
occurs. At this time, the CE bit in SSSR is set to 1 and the MSS bit is cleared to 0.
Note:
While the CE bit is set to 1, transmission or reception is not resumed. Clear the CE bit to 0
before resuming the transmission or reception.
CE
Data written
to SSTDR
Maximum time for
internally clocking
SCS
MSS
Internal signal for
transfer enable
SCS output
External input to
SCS
Internal-clocked
SCS
(Hi-Z)
Conflict error
detection period
Figure 19.10 Conflict Error Detection Timing (Before Transfer)
P
φ
SCS
MSS
CE
(Hi-Z)
Transfer
end
Internal signal for
transfer enable
Conflict error detection period
Figure 19.11 Conflict Error Detection Timing (After Transfer End)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com