Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1060 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1060 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1060Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1061Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1062Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1063Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1064Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1060 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1032 of 1270
REJ09B0466-0100
Yes
Start
[1]
[2]
[3]
[4][1] Initial setting:
Specify the transmit data format.
[2] Check that the SSU state and write transmit data:
Write transmit data to SSTDR after reading and confirming
that the TDRE bit is 1. The TDRE bit is automatically cleared
to 0 and transmission is started by writing data to SSTDR.
[3] Procedure for consecutive data transmission:
To continue data transmission, confirm that the TDRE bit is 1
meaning that SSTDR is ready to be written to. After that, data
can be written to SSTDR. The TDRE bit is automatically
cleared to 0 by writing data to SSTDR.
[4] Procedure for data transmission end:
To end data transmission, confirm that the TEND bit is cleared
to 0. After completion of transmitting the last bit, clear the TE
bit to 0.
Note: Hatching boxes represent SSU internal operations.
Initial setting
Read TDRE in SSSR
TDRE = 1?
Yes
Yes
No
No
No
Write transmit data to SSTDR
TDRE automatically cleared
Data transferred from SSTDR to SSTRSR
Set TDRE to 1 to start transmission
Consecutive data transmission?
Read TEND in SSSR
TEND = 1?
Clear TE in SSER to 0
End transmission
Yes
No
Confirm that TEND is cleared to 0
One bit time
quantum elapsed?
Clear TEND to 0
[4]
Figure 19.14 Flowchart Example of Transmission Operation
(Clock Synchronous Communication Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com