Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1056 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1056 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1052Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1053Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1060Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1056 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1028 of 1270
REJ09B0466-0100
Yes
Start
Initial setting
[1]
[2]
[1] Initial setting:
Specify the transmit/receive data format.
[2] Check the SSU state and write transmit data:
Write transmit data to SSTDR after reading and
confirming that the TDRE bit in SSSR is 1. The TDRE
bit is automatically cleared to 0 and transmission/
reception is started by writing data to SSTDR.
[3] Check the SSU state:
Read SSSR confirming that the RDRF bit is 1.
A change of the RDRF bit (from 0 to 1) can be notified
by RXI interrupt.
[4] Receive error processing:
When a receive error occurs, execute the designated
error processing after reading the ORER bit in SSSR.
After that, clear the ORER bit to 0. While the ORER bit is
set to 1, transmission or reception is not resumed.
[5] Procedure for consecutive data transmission/reception:
To continue serial data transmission/reception, confirm
that the TDRE bit is 1 meaning that SSTDR is ready to be
written to. After that, data can be written to SSTDR. The
TDRE bit is automatically cleared to 0 by writing data to
SSTDR.
[4]
[5]
[3]
Read TDRE in SSSR
TDRE = 1?
Yes
Yes
Yes
Yes
No
No
No
No
Write transmit data to SSTDR
TDRE automatically cleared
Data transferred from SSTDR to SSTRSR
TDRE set to 1 to start transmission
Read SSSR
RDRF = 1?
No
Read TEND in SSSR
TEND = 1?
Yes
No
Has the 1 bit transfer
period elapsed?
ORER = 1?
Read receive data in SSRDR
RDRF automatically cleared
Consecutive data
transmission/reception?
Clear TEND in SSSR to 0
Clear TE and RE in SSER to 0
Error processing
End transmission/reception
Note: Hatching boxes represent SSU internal operations.
Figure 19.9 Flowchart Example of Simultaneous Transmission/Reception (SSU Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com