Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1129 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1129 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1125Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1126Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1127Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1128Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1129Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1130Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1132Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1129 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1101 of 1270
REJ09B0466-0100
Section 24 Power-Down Modes
In addition to the normal program execution state, this LSI has power-down modes in which
operation of the CPU and oscillator is halted and power consumption is reduced. Low-power
operation can be achieved by individually controlling the CPU, on-chip peripheral modules, and
so on.
This LSI’s operating modes are high-speed mode and six power down modes:
• Clock division mode
• Sleep mode
• Module stop function
• All module clocks stop mode
• Software standby mode
• Hardware standby mode
Sleep mode is a CPU state, clock division mode is an on-chip peripheral function (including bus
masters and the CPU) state, and module stop function is an on-chip peripheral function (including
bus masters other than the CPU) state. A combination of these modes can be set.
After a reset, this LSI is in high-speed mode.
Table 24.1 shows the internal states of this LSI in each mode. Figure 24.1 shows the mode
transition diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com