Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1132 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1132 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1128Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1129Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1130Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1132Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1133Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1134Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1135Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1132 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1104 of 1270
REJ09B0466-0100
Program-halted state
Program execution state
High-speed mode
(Internal clock is PLL
circuit output clock)
Reset state
STBY pin = low
STBY pin = high
RES pin = low
SSBY = 0
MSTPCR =
H'FFFF (H'FFFE),
EXMSTPCR = H'FFFF,
SSBY = 0
SSBY = 1
STC1,
STC0 = 11
RES pin = high
STC1,
STC0
≠ 11
SLEEP
instruction
Interrupt*1
: Transition after exception handling
: Power- down mode
SLEEP
instruction
Any interrupt
SLEEP
instruction
External
interrupt*2
Notes: •
From any state, a transition to hardware standby mode occurs when
STBY is driven low.
•
From any state except hardware standby mode, a transition to the reset state occurs
when
RES is driven low.
1. NMI,
IRQ0 to IRQ15*3, 8-bit timer interrupts, watchdog timer interrupts.
(8-bit timer interrupts are valid when MSTP0 = 0.)
2. NMI,
IRQ0 to IRQ15*3
(
IRQ0 to IRQ15*3 are valid when the corresponding bit in SSIER is 1.)
3.
IRQ8 to IRQ15 are not supported by the H8S/2424 group.
Hardware
standby mode
Sleep mode
All
module-clocks-stop
mode
Software
standby mode
Clock division
mode
Figure 24.1 Mode Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com