Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1131 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1131 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1127Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1128Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1129Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1130Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1132Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1133Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1134Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1131 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1103 of 1270
REJ09B0466-0100
Notes:
Stopped (Retained) in the table means that internal register values are retained and
internal operations are suspended.
Stopped (Reset) in the table means that internal register values and internal states are
initialized.
In module stop function, only modules for which a stop setting has been made are
stopped (reset or retained).
1. IRQ8 to IRQ15 are not supported by the H8S/2424 group.
2. The active or stopped state can be selected by means of the MSTP0 bit in MSTPCR.
3. Not supported by the H8S/2424 group.
4. TDR, SSR, and RDR are stopped (reset) and other registers are stopped (retained).
5. BC2 to BC0 are stopped (reset) and other registers are stopped (retained).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com