Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 363Page - Renesas Technology Corp H8S/2424 Datasheet HTML 364Page - Renesas Technology Corp H8S/2424 Datasheet HTML 365Page - Renesas Technology Corp H8S/2424 Datasheet HTML 366Page - Renesas Technology Corp H8S/2424 Datasheet HTML 367Page - Renesas Technology Corp H8S/2424 Datasheet HTML 368Page - Renesas Technology Corp H8S/2424 Datasheet HTML 369Page - Renesas Technology Corp H8S/2424 Datasheet HTML 370Page - Renesas Technology Corp H8S/2424 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 339 of 1270
REJ09B0466-0100
Activation by External Request
If an external request (
DREQ pin) is specified as a DMAC activation source, the relevant port
should be set to input mode in advance*. Level sensing or edge sensing can be used for external
requests.
External request operation in normal mode of short address mode or full address mode is
described below.
When edge sensing is selected, a byte or word is transferred each time a high-to-low transition is
detected on the
DREQ pin. The next data transfer may not be performed if the next edge is input
before data transfer is completed.
When level sensing is selected, the DMAC stands by for a transfer request while the
DREQ pin is
held high. While the
DREQ pin is held low, transfers continue in succession, with the bus being
released each time a byte or word is transferred. If the
DREQ pin goes high in the middle of a
transfer, the transfer is interrupted and the DMAC stands by for a transfer request.
Note: * If the relevant port is set as an output pin for another function, DMA transfers using the
channel in question cannot be guaranteed.
7.4.2
Activation by Auto-Request
Auto-request is activated by register setting only, and transfer continues to the end. With auto-
request activation, cycle steal mode or burst mode can be selected.
In cycle steal mode, the DMAC releases the bus to another bus master each time a byte or word is
transferred. DMA and CPU cycles are usually repeated alternately. In burst mode, the DMAC
keeps possession of the bus until the end of the transfer so that transfer is performed continuously.
7.5
Operation
7.5.1
Transfer Modes
Table 7.4 lists the DMAC transfer modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com