Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 25Page - Renesas Technology Corp H8S/2424 Datasheet HTML 26Page - Renesas Technology Corp H8S/2424 Datasheet HTML 27Page - Renesas Technology Corp H8S/2424 Datasheet HTML 28Page - Renesas Technology Corp H8S/2424 Datasheet HTML 29Page - Renesas Technology Corp H8S/2424 Datasheet HTML 30Page - Renesas Technology Corp H8S/2424 Datasheet HTML 31Page - Renesas Technology Corp H8S/2424 Datasheet HTML 32Page - Renesas Technology Corp H8S/2424 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 1 of 1270
REJ09B0466-0100
Section 1 Overview
1.1
Features
The H8S/2426 Group, H8S/2426R Group, and H8S/2424 Group are CISC (Complex Instruction
Set Computer) microprocessors that integrate an H8S/2600 CPU core, which has an internal 16-bit
architecture and is upward-compatible with Renesas Technology original H8/300, H8/300H, and
H8S CPUs.
The on-chip peripheral functions provided for enabling system configuration at a low cost are the
DMA controller, EXDMA controller*, data transfer controller, serial communication interface, I
2C
bus interface 2, synchronous serial communication unit, A/D converter, D/A converter, and
various timers. On-chip ROM is flash memory whose size is 256 Kbytes and 128 Kbytes.
Note: * Not supported by the H8S/2424 Group.
1.1.1
Applications
Application field examples: PC peripheral equipment, office automation equipment, consumer
equipment, etc.
1.1.2
Overview of Specifications
The specifications of this LSI are summarized in table 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com