Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 63Page - Renesas Technology Corp H8S/2424 Datasheet HTML 64Page - Renesas Technology Corp H8S/2424 Datasheet HTML 65Page - Renesas Technology Corp H8S/2424 Datasheet HTML 66Page - Renesas Technology Corp H8S/2424 Datasheet HTML 67Page - Renesas Technology Corp H8S/2424 Datasheet HTML 68Page - Renesas Technology Corp H8S/2424 Datasheet HTML 69Page - Renesas Technology Corp H8S/2424 Datasheet HTML 70Page - Renesas Technology Corp H8S/2424 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 39 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
I/O ports
P17 to
P10
49 to 42
L5, K6, K5,
N4, M5, L4,
M4, N3
41 to 34
Input/
output
8-bit input/output pins.
P27 to
P20
58 to 51
K7, L8, N7,
M7, N6, M6,
L7, L6
49 to 42
Input/
output
8-bit input/output pins.
P35 to
P30
137 to 142
A5, B4, C5,
A4, B3, C4
113 to 118
Input/
output
6-bit input/output pins.
P47 to
P40
120 to 113
B8, C9, B9,
A10, C10, B10,
C11, A11
102 to 95
Input
8-bit input pins.
P53 to
P50
136 to 133
D4, C6, B5,
A6
112 to 109
Input/
output
4-bit input/output pins.
P65 to
P60
106 to 104,
83 to 81
C13, D12, D10,
J10, K13, J12
Input/
output
6-bit input/output pins.
P85
P84*
3
P83
P82*
3
P81
P80*
3
61
60
59
34
33
3
M8
N8
K8
K3
L2
C2
50
85
86
Input/
output
6-bit input/output pins in the
H8S/2426 Group and
H8S/2426R Group.
3-bit input/output pins in the
H8S/2424 Group.
P97*
3,
P96*
3,
P95, P94,
P93 to
P90*
3
128 to 121
D6, D7, D8,
A8, B7, C8,
D9, A9
104, 103
Input
8-bit input/output pins in the
H8S/2426 Group and
H8S/2426R Group.
2-bit input/output pins in the
H8S/2424 Group.
PA7 to
PA0
31 to 26,
24, 23
J3, K2, J1,
K4, H3, J2,
J4, G3
29 to 23,
21
Input/
output
8-bit input/output pins.
PB7 to
PB0
22 to 19,
17 to 14
H2, G1, H4,
G4, F1, G2,
F3, E4
20 to 18,
16 to 12
Input/
output
8-bit input/output pins.
PC7 to
PC0
13 to 11,
9 to 5
E1, F2, E3,
D1, D3, D2,
C3, C1
11 to 9,
7 to 3
Input/
output
8-bit input/output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com