Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 57Page - Renesas Technology Corp H8S/2424 Datasheet HTML 58Page - Renesas Technology Corp H8S/2424 Datasheet HTML 59Page - Renesas Technology Corp H8S/2424 Datasheet HTML 60Page - Renesas Technology Corp H8S/2424 Datasheet HTML 61Page - Renesas Technology Corp H8S/2424 Datasheet HTML 62Page - Renesas Technology Corp H8S/2424 Datasheet HTML 63Page - Renesas Technology Corp H8S/2424 Datasheet HTML 64Page - Renesas Technology Corp H8S/2424 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 33 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
Interrupt
signals
NMI
40
N1
32
Input
Nonmaskable interrupt
request pin. This pin should
be fixed high when not used.
IRQ15-A to
IRQ8-A*3
86, 85,
106 to 104,
83 to 81
H10, H12, C13,
D12, D10, J10,
K13, J12
Input
IRQ7-A to
IRQ0-A
31 to 28,
136 to 133
J3, K2, J1, K4,
D4, C6, B5, A6
29 to 26,
112 to 109
IRQ15-B to
IRQ8-B*3
58 to 51
K7, L8, N7, M7,
N6, M6, L7, L6,
IRQ7-B to
IRQ0-B
38, 37,
61 to 59,
34, 33, 3
M2, N2, M8, N8,
K8, K3, L2, C2
102 to 95
These pins request a
maskable interrupt.
The input pins of
IRQn-A and
IRQn-B are selected by the
IRQ pin select register (ITSR)
of the interrupt controller.
(n = 0 to 15 for the H8S/2426
Group and H8S/2426R
Group, n = 0 to 7 for the
H8S/2424 Group)
DREQ1
DREQ0
82
81
K13
J12
35
34
Input
These signals request DMAC
activation.
DMA
controller
(DMAC)
TEND1
TEND0
104
83
D10
J10
37
36
Output These signals indicate the
end of DMAC data transfer.
DACK1
DACK0
106
105
C13
D12
39
38
Output DMAC single address transfer
acknowledge signals.
EDREQ3
EDREQ2
33
3
L2
C2
Input
These signals request
EXDMAC activation.
EXDMA
controller
(EXDMAC)
*
3
ETEND3
ETEND2
59
34
K8
K3
Output These signals indicate the
end of EXDMAC data
transfer.
EDACK3
EDACK2
61
60
M8
N8
Output EXDMAC single address
transfer acknowledge signals.
EDRAK3
EDRAK2
49
48
L5
K6
Output These signals notify an
external device of acceptance
and start of execution of a
DMA transfer request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com