Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 64Page - Renesas Technology Corp H8S/2424 Datasheet HTML 65Page - Renesas Technology Corp H8S/2424 Datasheet HTML 66Page - Renesas Technology Corp H8S/2424 Datasheet HTML 67Page - Renesas Technology Corp H8S/2424 Datasheet HTML 68Page - Renesas Technology Corp H8S/2424 Datasheet HTML 69Page - Renesas Technology Corp H8S/2424 Datasheet HTML 70Page - Renesas Technology Corp H8S/2424 Datasheet HTML 71Page - Renesas Technology Corp H8S/2424 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 40 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
I/O ports
PD7 to
PD0
80 to 73
K11, K12, L13,
L11, M12, L12,
N13, M13
68 to 61
Input/
output
8-bit input/output pins.
PE7 to
PE0
71,
69 to 63
N11, M10, N10,
K10, L10, M9,
N9, K9
59,
57 to 51
Input/
output
8-bit input/output pins.
PF7 to
PF0
94,
90 to 84
F10, G10, G12,
H11, J13, H10,
H12, J11
79,
75 to 69
Input/
output
8-bit input/output pins.
PG6 to
PG0
132 to 130,
110 to 107
D5, C7, B6,
A13, A12,
B13, C12
108 to 106,
92 to 89
Input/
output
7-bit input/output pins.
PH3 to
PH0*
3
38 to 35
M2, N2, M1,
L1
Input/
output
4-bit input/output pins.
PJ2*
3*4
PJ1*
3
PJ0*
3
62
101
100
E12
D11
Input
3-bit input pins.
Notes: 1. Not supported by the H8S/2426 Group or H8S/2424R Group.
2. Can be used only in the 145-pin version.
3. Not supported by the H8S/2424 Group.
4. Can be used only in the 144-pin version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com