Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 58Page - Renesas Technology Corp H8S/2424 Datasheet HTML 59Page - Renesas Technology Corp H8S/2424 Datasheet HTML 60Page - Renesas Technology Corp H8S/2424 Datasheet HTML 61Page - Renesas Technology Corp H8S/2424 Datasheet HTML 62Page - Renesas Technology Corp H8S/2424 Datasheet HTML 63Page - Renesas Technology Corp H8S/2424 Datasheet HTML 64Page - Renesas Technology Corp H8S/2424 Datasheet HTML 65Page - Renesas Technology Corp H8S/2424 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 34 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
16-bit timer
pulse
unit (TPU)
TCLKH
TCLKG
TCLKF
TCLKE
TCLKD
TCLKC
TCLKB
TCLKA
22
20
17
16
49
47
45
44
H2
H4
F1
G2
L5
K5
M5
L4
20
18
15
14
41
39
37
36
Input
External clock input pins of
the timer.
TIOCA0
TIOCB0
TIOCC0
TIOCD0
42
43
44
45
N3
M4
L4
M5
34
35
36
37
Input/
output
TGRA_0 to TGRD_0 input
capture input/output compare
output/PWM output pins.
TIOCA1
TIOCB1
46
47
N4
K5
38
39
Input/
output
TGRA_1 and TGRB_1 input
capture input/output compare
output/PWM output pins.
TIOCA2
TIOCB2
48
49
K6
L5
40
41
Input/
output
TGRA_2 and TGRB_2 input
capture input/output compare
output/PWM output pins.
TIOCA3-A
TIOCB3-A
TIOCC3-A
TIOCD3-A
TIOCA3-B
TIOCB3-B
TIOCC3-B
TIOCD3-B
51
52
53
54
133
33
134
59
L6
M7
N6
K6
A6
L2
B5
K8
42
43
44
45
109
86
110
85
Input/
output
TGRA_3 to TGRD_3 input
capture input/output compare
output/PWM output pins.
TIOCA4-A
TIOCB4-A
TIOCA4-B
TIOCB4-B
55
56
135
61
K7
N7
C6
M8
46
47
111
50
Input/
output
TGRA_4 and TGRB_4 input
capture input/output compare
output/PWM output pins.
TIOCA5
TIOCB5
57
58
L8
K7
48
49
Input/
output
TGRA_5 and TGRB_5 input
capture input/output compare
output/PWM output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com