Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 379Page - Renesas Technology Corp H8S/2424 Datasheet HTML 380Page - Renesas Technology Corp H8S/2424 Datasheet HTML 381Page - Renesas Technology Corp H8S/2424 Datasheet HTML 382Page - Renesas Technology Corp H8S/2424 Datasheet HTML 383Page - Renesas Technology Corp H8S/2424 Datasheet HTML 384Page - Renesas Technology Corp H8S/2424 Datasheet HTML 385Page - Renesas Technology Corp H8S/2424 Datasheet HTML 386Page - Renesas Technology Corp H8S/2424 Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 355 of 1270
REJ09B0466-0100
7.5.6
Normal Mode
In normal mode, transfer is performed with channels A and B used in combination. Normal mode
can be specified by setting the FAE bit in DMABCRH to 1 and clearing the BLKE bit in
DMACRA to 0. In normal mode, MAR is updated after data transfer of a byte or word in response
to a single transfer request, and this is executed the number of times specified in ETCRA. The
transfer source is specified by MARA, and the transfer destination by MARB. Table 7.9
summarizes register functions in normal mode.
Table 7.9
Register Functions in Normal Mode
Register
Function
Initial Setting
Operation
23
0
MARA
Source address
register
Start address of
transfer source
Incremented/decremented
every transfer, or fixed
23
0
MARB
Destination
address register
Start address of
transfer destination
Incremented/decremented
every transfer, or fixed
15
0
ETCRA
Transfer counter
Number of transfers Decremented every
transfer; transfer ends
when count reaches
H'0000
MARA and MARB specify the start addresses of the transfer source and transfer destination,
respectively, as 24 bits. MAR can be incremented or decremented by 1 or 2 each time a byte or
word is transferred, or can be fixed. Incrementing, decrementing, or holding a fixed value can be
set separately for MARA and MARB.
The number of transfers is specified by ETCRA as 16 bits. ETCRA is decremented by 1 each time
a transfer is performed, and when its value reaches H'0000 the DTE bit in DMABCRL is cleared
and transfer ends. If the DTIE bit in DMABCRL is set to 1 at this time, an interrupt request is sent
to the CPU or DTC. The maximum number of transfers, when H'0000 is set in ETCRA, is 65,536.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com