Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 386Page - Renesas Technology Corp H8S/2424 Datasheet HTML 387Page - Renesas Technology Corp H8S/2424 Datasheet HTML 388Page - Renesas Technology Corp H8S/2424 Datasheet HTML 389Page - Renesas Technology Corp H8S/2424 Datasheet HTML 390Page - Renesas Technology Corp H8S/2424 Datasheet HTML 391Page - Renesas Technology Corp H8S/2424 Datasheet HTML 392Page - Renesas Technology Corp H8S/2424 Datasheet HTML 393Page - Renesas Technology Corp H8S/2424 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 362 of 1270
REJ09B0466-0100
ETCRAL is decremented by 1 each time a byte or word transfer is performed. In response to a
single transfer request, burst transfer is performed until the value in ETCRAL reaches H'00.
ETCRAL is then loaded with the value in ETCRAH. At this time, the value in the MAR register
for which a block designation has been given by the BLKDIR bit in DMACRA is restored in
accordance with the DTSZ, SAID/DAID, and SAIDE/DAIDE bits in DMACR.
ETCRB is decremented by 1 after every block transfer, and when the count reaches H'0000 the
DTE bit in DMABCRL is cleared and transfer ends. If the DTIE bit in DMABCRL is set to 1 at
this point, an interrupt request is sent to the CPU or DTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com