Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 391Page - Renesas Technology Corp H8S/2424 Datasheet HTML 392Page - Renesas Technology Corp H8S/2424 Datasheet HTML 393Page - Renesas Technology Corp H8S/2424 Datasheet HTML 394Page - Renesas Technology Corp H8S/2424 Datasheet HTML 395Page - Renesas Technology Corp H8S/2424 Datasheet HTML 396Page - Renesas Technology Corp H8S/2424 Datasheet HTML 397Page - Renesas Technology Corp H8S/2424 Datasheet HTML 398Page - Renesas Technology Corp H8S/2424 Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 367 of 1270
REJ09B0466-0100
(2)
Full Address Mode (Cycle Steal Mode)
Figure 7.19 shows a transfer example in which
TEND output is enabled and word-size full address
mode transfer (cycle steal mode) is performed from external 16-bit, 2-state access space to
external 16-bit, 2-state access space.
DMA
read
Address bus
φ
RD
LWR
TEND
HWR
Bus release
Last transfer
cycle
DMA
write
DMA
read
DMA
write
DMA
read
DMA
write
DMA
dead
Bus release
Bus release
Bus
release
Figure 7.19 Example of Full Address Mode Transfer (Cycle Steal)
A byte or word transfer is performed for a single transfer request, and after the transfer, the bus is
released. While the bus is released, one bus cycle is executed by the CPU or DTC.
In the transfer end cycle (the cycle in which the transfer counter reaches 0), a one-state DMA dead
cycle is inserted after the DMA write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com