Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 503 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 503 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 499Page - Renesas Technology Corp H8S/2424 Datasheet HTML 500Page - Renesas Technology Corp H8S/2424 Datasheet HTML 501Page - Renesas Technology Corp H8S/2424 Datasheet HTML 502Page - Renesas Technology Corp H8S/2424 Datasheet HTML 503Page - Renesas Technology Corp H8S/2424 Datasheet HTML 504Page - Renesas Technology Corp H8S/2424 Datasheet HTML 505Page - Renesas Technology Corp H8S/2424 Datasheet HTML 506Page - Renesas Technology Corp H8S/2424 Datasheet HTML 507Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 475 of 1270
REJ09B0466-0100
9.5
Operation
The DTC stores register information in the on-chip RAM. When activated, the DTC reads register
information that is already stored in the on-chip RAM and transfers data on the basis of that
register information. After the data transfer, it writes updated register information back to the on-
chip RAM. Pre-storage of register information in the on-chip RAM makes it possible to transfer
data over any required number of channels. There are three transfer modes: normal mode, repeat
mode, and block transfer mode. Setting the CHNE bit to 1 makes it possible to perform a number
of transfers with a single activation (chain transfer). A setting can also be made to have chain
transfer performed only when the transfer counter value is 0. This enables DTC re-setting to be
performed by the DTC itself.
The 24-bit SAR designates the DTC transfer source address and the 24-bit DAR designates the
transfer destination address. After each transfer, SAR and DAR are independently incremented,
decremented, or left fixed.
Figure 9.5 shows a flowchart of DTC operation, and table 9.3 summarizes the chain transfer
conditions (combinations for performing the second and third transfers are omitted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com