Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 515 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 511Page - Renesas Technology Corp H8S/2424 Datasheet HTML 512Page - Renesas Technology Corp H8S/2424 Datasheet HTML 513Page - Renesas Technology Corp H8S/2424 Datasheet HTML 514Page - Renesas Technology Corp H8S/2424 Datasheet HTML 515Page - Renesas Technology Corp H8S/2424 Datasheet HTML 516Page - Renesas Technology Corp H8S/2424 Datasheet HTML 517Page - Renesas Technology Corp H8S/2424 Datasheet HTML 518Page - Renesas Technology Corp H8S/2424 Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 487 of 1270
REJ09B0466-0100
9.7.2
Chain Transfer
An example of DTC chain transfer is shown in which pulse output is performed using the PPG.
Chain transfer can be used to perform pulse output data transfer and PPG output trigger cycle
updating. Repeat mode transfer to NDR of the PPG is performed in the first half of the chain
transfer, and normal mode transfer to the TPU's TGR in the second half. This is because clearing
of the activation source and interrupt generation at the end of the specified number of transfers are
restricted to the second half of the chain transfer (transfer when CHNE = 0).
1. Perform settings for transfer to NDR of the PPG. Set MRA to source address incrementing
(SM1 = 1, SM0 = 0), fixed destination address (DM1 = DM0 = 0), repeat mode (MD1 = 0,
MD0 = 1), and word size (Sz = 1). Set the source side as a repeat area (DTS = 1). Set MRB to
chain mode (CHNE = 1, DISEL = 0). Set the data table start address in SAR, the NDRH
address in DAR, and the data table size in CRAH and CRAL. CRB can be set to any value.
2. Perform settings for transfer to the TPU's TGR. Set MRA to source address incrementing
(SM1 = 1, SM0 = 0), fixed destination address (DM1 = DM0 = 0), normal mode (MD1 = MD0
= 0), and word size (Sz = 1). Set the data table start address in SAR, the TGRA address in
DAR, and the data table size in CRA. CRB can be set to any value.
3. Locate the TPU transfer register information consecutively after the NDR transfer register
information.
4. Set the start address of the NDR transfer register information to the DTC vector address.
5. Set the bit corresponding to TGIA in DTCER to 1.
6. Set TGRA as an output compare register (output disabled) with TIOR, and enable the TGIA
interrupt with TIER.
7. Set the initial output value in PODR, and the next output value in NDR. Set bits in DDR and
NDER for which output is to be performed to 1. Using PCR, select the TPU compare match to
be used as the output trigger.
8. Set the CST bit in TSTR to 1, and start the TCNT count operation.
9. Each time a TGRA compare match occurs, the next output value is transferred to NDR and the
set value of the next output trigger period is transferred to TGRA. The activation source TGFA
flag is cleared.
10. When the specified number of transfers are completed (the TPU transfer CRA value is 0), the
TGFA flag is held at 1, the DTCE bit is cleared to 0, and a TGIA interrupt request is sent to the
CPU. Termination processing should be performed in the interrupt handling routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com