Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 597 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 597 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 593Page - Renesas Technology Corp H8S/2424 Datasheet HTML 594Page - Renesas Technology Corp H8S/2424 Datasheet HTML 595Page - Renesas Technology Corp H8S/2424 Datasheet HTML 596Page - Renesas Technology Corp H8S/2424 Datasheet HTML 597Page - Renesas Technology Corp H8S/2424 Datasheet HTML 598Page - Renesas Technology Corp H8S/2424 Datasheet HTML 599Page - Renesas Technology Corp H8S/2424 Datasheet HTML 600Page - Renesas Technology Corp H8S/2424 Datasheet HTML 601Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 569 of 1270
REJ09B0466-0100
• P64/IRQ12-A/DACK0/TMO0-A
The pin function is switched as shown below according to the combination of bit SAE0 in
DMABCRH of the DMAC, bits OS3 to OS0 in TCSR_0 of the 8-bit timer, bit TMRS in
PFCR3, bit P64DDR, and bit ITS12 in ITSR of the interrupt controller.
SAE0
0
1
OS3 to OS0
All 0
Not all 0
P64DDR
0
1
P64 input
P64 output
TMO0-A output*
2
DACK0 output
Pin function
IRQ12-A interrupt input*1
Notes: 1.
IRQ12-A input when the ITS12 bit in ITSR is 0.
2. TMO0-A output when the TMRS bit in PFCR3 is 0.
• P63/IRQ11-A/TEND1/TMCI1-A
The pin function is switched as shown below according to the combination of bit TEE1 in
DMATCR of the DMAC, bit TMRS in PFCR3, bit P63DDR, and bit ITS11 in ITSR of the
interrupt controller.
TEE1
0
1
P63DDR
0
1
P63 input
P63 output
TEND1 output
IRQ11-A interrupt input*1
Pin function
TMCI1-A input*
2*3
Notes: 1.
IRQ11-A input when the ITS11 bit in ITSR is 0.
2. When used as the external clock input pin for the TMR, its pin function should be
specified to the external clock input by the CKS2 to CKS0 bits in TCR_1.
3. TMCI1-A input when the TMRS bit in PFCR3 is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com