Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 693 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 693 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 689Page - Renesas Technology Corp H8S/2424 Datasheet HTML 690Page - Renesas Technology Corp H8S/2424 Datasheet HTML 691Page - Renesas Technology Corp H8S/2424 Datasheet HTML 692Page - Renesas Technology Corp H8S/2424 Datasheet HTML 693Page - Renesas Technology Corp H8S/2424 Datasheet HTML 694Page - Renesas Technology Corp H8S/2424 Datasheet HTML 695Page - Renesas Technology Corp H8S/2424 Datasheet HTML 696Page - Renesas Technology Corp H8S/2424 Datasheet HTML 697Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 665 of 1270
REJ09B0466-0100
10.18.2
Port Function Control Register 1 (PFCR1)
PFCR1 enables or disables address output (A23 to A16).
Bits 7 to 5 are valid in modes 1 and 2 and all the bits are valid in modes 4 and 7.
Bit
Bit Name
Initial Value
R/W
Description
7
A23E
1
R/W
Address 23 Enable
Enables or disables output for address output 23
(A23).
0: DR output when PA7DDR = 1
1: A23 output when PA7DDR = 1
6
A22E
1
R/W
Address 22 Enable
Enables or disables output for address output 22
(A22).
0: DR output when PA6DDR = 1
1: A22 output when PA6DDR = 1
5
A21E
1
R/W
Address 21 Enable
Enables or disables output for address output 21
(A21).
0: DR output when PA5DDR = 1
1: A21 output when PA5DDR = 1
4
A20E
1
R/W
Address 20 Enable
Enables or disables output for address output 20
(A20).
0: DR output when PA4DDR = 1
1: A20 output when PA4DDR = 1
3
A19E
1
R/W
Address 19 Enable
Enables or disables output for address output 19
(A19).
0: DR output when PA3DDR = 1
1: A19 output when PA3DDR = 1
2
A18E
1
R/W
Address 18 Enable
Enables or disables output for address output 18
(A18).
0: DR output when PA2DDR = 1
1: A18 output when PA2DDR = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com