Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 708 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 708 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 704Page - Renesas Technology Corp H8S/2424 Datasheet HTML 705Page - Renesas Technology Corp H8S/2424 Datasheet HTML 706Page - Renesas Technology Corp H8S/2424 Datasheet HTML 707Page - Renesas Technology Corp H8S/2424 Datasheet HTML 708Page - Renesas Technology Corp H8S/2424 Datasheet HTML 709Page - Renesas Technology Corp H8S/2424 Datasheet HTML 710Page - Renesas Technology Corp H8S/2424 Datasheet HTML 711Page - Renesas Technology Corp H8S/2424 Datasheet HTML 712Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 708 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 680 of 1270
REJ09B0466-0100
11.2
Input/Output Pins
Table 11.3
Pin Configuration
Unit
Channel
Symbol
I/O
Function
0
All
TCLKA
Input
External clock A input pin
(Channel 1 and 5 phase counting mode A phase input)
TCLKB
Input
External clock B input pin
(Channel 1 and 5 phase counting mode B phase input)
TCLKC
Input
External clock C input pin
(Channel 2 and 4 phase counting mode A phase input)
TCLKD
Input
External clock D input pin
(Channel 2 and 4 phase counting mode B phase input)
0
TIOCA0
I/O
TGRA_0 input capture input/output compare output/PWM
output pin
TIOCB0
I/O
TGRB_0 input capture input/output compare output/PWM
output pin
TIOCC0
I/O
TGRC_0 input capture input/output compare output/PWM
output pin
TIOCD0
I/O
TGRD_0 input capture input/output compare output/PWM
output pin
1
TIOCA1
I/O
TGRA_1 input capture input/output compare output/PWM
output pin
TIOCB1
I/O
TGRB_1 input capture input/output compare output/PWM
output pin
2
TIOCA2
I/O
TGRA_2 input capture input/output compare output/PWM
output pin
TIOCB2
I/O
TGRB_2 input capture input/output compare output/PWM
output pin
3
TIOCA3
I/O
TGRA_3 input capture input/output compare output/PWM
output pin
TIOCB3
I/O
TGRB_3 input capture input/output compare output/PWM
output pin
TIOCC3
I/O
TGRC_3 input capture input/output compare output/PWM
output pin
TIOCD3
I/O
TGRD_3 input capture input/output compare output/PWM
output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com