Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 781 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 781 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 777Page - Renesas Technology Corp H8S/2424 Datasheet HTML 778Page - Renesas Technology Corp H8S/2424 Datasheet HTML 779Page - Renesas Technology Corp H8S/2424 Datasheet HTML 780Page - Renesas Technology Corp H8S/2424 Datasheet HTML 781Page - Renesas Technology Corp H8S/2424 Datasheet HTML 782Page - Renesas Technology Corp H8S/2424 Datasheet HTML 783Page - Renesas Technology Corp H8S/2424 Datasheet HTML 784Page - Renesas Technology Corp H8S/2424 Datasheet HTML 785Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 753 of 1270
REJ09B0466-0100
(1)
Input Capture/Compare Match Interrupt
An interrupt is requested if the TGIE bit in TIER is set to 1 when the TGF flag in TSR is set to 1
by the occurrence of a TGR input capture/compare match on a particular channel. The interrupt
request is cleared by clearing the TGF flag to 0. The TPU has 32 input capture/compare match
interrupts, four each for channels 0, 3, 6, and 9, and two each for channels 1, 2, 4, 5, 7, 8, 10, and
11.
(2)
Overflow Interrupt
An interrupt is requested if the TCIEV bit in TIER is set to 1 when the TCFV flag in TSR is set to
1 by the occurrence of TCNT overflow on a channel. The interrupt request is cleared by clearing
the TCFV flag to 0. The TPU has 12 overflow interrupts, one for each channel.
(3)
Underflow Interrupt
An interrupt is requested if the TCIEU bit in TIER is set to 1 when the TCFU flag in TSR is set to
1 by the occurrence of TCNT underflow on a channel. The interrupt request is cleared by clearing
the TCFU flag to 0. The TPU has eight underflow interrupts, one each for channels 1, 2, 4, 5, 7, 8,
10, and 11.
11.6
DTC Activation
The DTC can be activated by the TGR input capture/compare match interrupt for a channel. For
details, see section 9, Data Transfer Controller (DTC).
A total of 32 TPU input capture/compare match interrupts can be used as DTC activation sources,
four each for channels 0, 3, 6, and 9, and two each for channels 1, 2, 4, 5, 7, 8, 10, and 11.
11.7
DMAC Activation
In unit 0 of the TPU, the DMAC can be activated by the TGRA input capture/compare match
interrupt for a channel. For details, see section 7, DMA Controller (DMAC). (The DMAC cannot
be activated by unit 1.)
In unit 0 of the TPU, a total of six TGRA input capture/compare match interrupts can be used as
DMAC activation sources, one for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com