Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 791 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 791 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 787Page - Renesas Technology Corp H8S/2424 Datasheet HTML 788Page - Renesas Technology Corp H8S/2424 Datasheet HTML 789Page - Renesas Technology Corp H8S/2424 Datasheet HTML 790Page - Renesas Technology Corp H8S/2424 Datasheet HTML 791Page - Renesas Technology Corp H8S/2424 Datasheet HTML 792Page - Renesas Technology Corp H8S/2424 Datasheet HTML 793Page - Renesas Technology Corp H8S/2424 Datasheet HTML 794Page - Renesas Technology Corp H8S/2424 Datasheet HTML 795Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 791 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 763 of 1270
REJ09B0466-0100
11.10.3
Caution on Cycle Setting
When counter clearing by compare match is set, TCNT is cleared in the final state in which it
matches the TGR value (the point at which the count value matched by TCNT is updated).
Consequently, the actual counter frequency is given by the following formula:
f =
φ
(N + 1)
Where
f: Counter frequency
φ: Operating frequency
N: TGR set value
11.10.4
Contention between TCNT Write and Clear Operations
If the counter clearing signal is generated in the T
2 state of a TCNT write cycle, TCNT clearing
takes precedence and the TCNT write is not performed. Figure 11.46 shows the timing in this
case.
Counter clearing
signal
Write signal
Address
φ
TCNT address
TCNT
TCNT write cycle
T
1
T
2
N
H'0000
Figure 11.46 Contention between TCNT Write and Clear Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com