Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 799 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 799 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 795Page - Renesas Technology Corp H8S/2424 Datasheet HTML 796Page - Renesas Technology Corp H8S/2424 Datasheet HTML 797Page - Renesas Technology Corp H8S/2424 Datasheet HTML 798Page - Renesas Technology Corp H8S/2424 Datasheet HTML 799Page - Renesas Technology Corp H8S/2424 Datasheet HTML 800Page - Renesas Technology Corp H8S/2424 Datasheet HTML 801Page - Renesas Technology Corp H8S/2424 Datasheet HTML 802Page - Renesas Technology Corp H8S/2424 Datasheet HTML 803Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 799 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 771 of 1270
REJ09B0466-0100
11.10.12 Contention between TCNT Write and Overflow/Underflow
If there is an up-count or down-count in the T
2 state of a TCNT write cycle, when
overflow/underflow occurs, the TCNT write takes precedence and the TCFV/TCFU flag in TSR is
not set.
Figure 11.54 shows the operation timing when there is contention between TCNT write and
overflow.
Write signal
Address
φ
TCNT address
TCNT
TCNT write cycle
T
1
T
2
H'FFFF
M
TCNT write data
TCFV flag
Figure 11.54 Contention between TCNT Write and Overflow
11.10.13 Multiplexing of I/O Pins
In this LSI, the TCLKA input pin is multiplexed with the TIOCC0 I/O pin, the TCLKB input pin
with the TIOCD0 I/O pin, the TCLKC input pin with the TIOCB1 I/O pin, and the TCLKD input
pin with the TIOCB2 I/O pin. When an external clock is input, compare match output should not
be performed from a multiplexed pin.
11.10.14 Interrupts and Module Stop Mode
If module stop mode is entered when an interrupt has been requested, it will not be possible to
clear the CPU interrupt source or the DMAC or DTC activation source. Interrupts should therefore
be disabled before entering module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com