Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 851 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 851 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 847Page - Renesas Technology Corp H8S/2424 Datasheet HTML 848Page - Renesas Technology Corp H8S/2424 Datasheet HTML 849Page - Renesas Technology Corp H8S/2424 Datasheet HTML 850Page - Renesas Technology Corp H8S/2424 Datasheet HTML 851Page - Renesas Technology Corp H8S/2424 Datasheet HTML 852Page - Renesas Technology Corp H8S/2424 Datasheet HTML 853Page - Renesas Technology Corp H8S/2424 Datasheet HTML 854Page - Renesas Technology Corp H8S/2424 Datasheet HTML 855Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 1302 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Sep. 19, 2008 Page 823 of 1270
REJ09B0466-0100
Section 14 Watchdog Timer (WDT)
The watchdog timer (WDT) is an 8-bit timer that outputs an overflow signal (
WDTOVF) if a
system crash prevents the CPU from writing to the timer counter, thus allowing it to overflow. At
the same time, the WDT can also generate an internal reset signal.
When this watchdog function is not needed, the WDT can be used as an interval timer. In interval
timer operation, an interval timer interrupt is generated each time the counter overflows.
The block diagram of the WDT is shown in figure 14.1.
14.1
Features
• Selectable from eight counter input clocks
• Switchable between watchdog timer mode and interval timer mode
Watchdog Timer Mode
• If the counter overflows, the WDT outputs WDTOVF. It is possible to select whether or not
the entire chip is reset at the same time.
Interval Timer Mode
• If the counter overflows, the WDT generates an interval timer interrupt (WOVI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com