Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 856 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 856 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 852Page - Renesas Technology Corp H8S/2424 Datasheet HTML 853Page - Renesas Technology Corp H8S/2424 Datasheet HTML 854Page - Renesas Technology Corp H8S/2424 Datasheet HTML 855Page - Renesas Technology Corp H8S/2424 Datasheet HTML 856Page - Renesas Technology Corp H8S/2424 Datasheet HTML 857Page - Renesas Technology Corp H8S/2424 Datasheet HTML 858Page - Renesas Technology Corp H8S/2424 Datasheet HTML 859Page - Renesas Technology Corp H8S/2424 Datasheet HTML 860Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 856 / 1302 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Sep. 19, 2008 Page 828 of 1270
REJ09B0466-0100
14.4
Operation
14.4.1
Watchdog Timer Mode
To use the WDT as a watchdog timer mode, set the WT/
IT and TME bits in TCSR to 1.
If TCNT overflows without being rewritten because of a system crash or other error, the
WDTOVF signal is output.
This ensures that TCNT does not overflow while the system is operating normally. Software must
prevent TCNT overflows by rewriting the TCNT value (normally be writing H'00) before
overflow occurs. This
WDTOVF signal can be used to reset the chip internally in watchdog timer
mode.
If TCNT overflows when 1 is set in the RSTE bit in RSTCSR, a signal that resets this LSI
internally is generated at the same time as the
WDTOVF signal. If a reset caused by a signal input
to the
RES pin occurs at the same time as a reset caused by a WDT overflow, the RES pin reset
has priority and the WOVF bit in RSTCSR is cleared to 0.
The
WDTOVF signal is output for 132 states when RSTE = 1, and for 130 states when RSTE = 0.
The internal reset signal is output for 518 states.
When TCNT overflows in watchdog timer mode, the WOVF bit in RSTCSR is set to 1. If TCNT
overflows when 1 is set in the RSTE bit in RSTCSR, an internal reset signal is generated to the
entire chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com