Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 880 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 880 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 876Page - Renesas Technology Corp H8S/2424 Datasheet HTML 877Page - Renesas Technology Corp H8S/2424 Datasheet HTML 878Page - Renesas Technology Corp H8S/2424 Datasheet HTML 879Page - Renesas Technology Corp H8S/2424 Datasheet HTML 880Page - Renesas Technology Corp H8S/2424 Datasheet HTML 881Page - Renesas Technology Corp H8S/2424 Datasheet HTML 882Page - Renesas Technology Corp H8S/2424 Datasheet HTML 883Page - Renesas Technology Corp H8S/2424 Datasheet HTML 884Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 880 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 852 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
4
FER
0
R/(W)*
Framing Error
Indicates that a framing error occurred while
receiving in asynchronous mode and the reception
has ended abnormally.
[Setting condition]
• When the stop bit is 0
In 2-stop-bit mode, only the first stop bit is
checked for a value of 0; the second stop bit is
not checked. If a framing error occurs, the
receive data is transferred to RDR but the
RDRF flag is not set. Also, subsequent serial
reception cannot be continued while the FER
flag is set to 1. In clocked synchronous mode,
serial transmission cannot be continued,
either.
[Clearing condition]
• When 0 is written to FER after reading FER =
1
The FER flag is not affected and retains its
previous state when the RE bit in SCR is
cleared to 0.
3
PER
0
R/(W)*
Parity Error
Indicates that a parity error occurred while
receiving in asynchronous mode and the reception
has ended abnormally.
[Setting condition]
• When a parity error is detected during
reception
If a parity error occurs, the receive data is
transferred to RDR but the RDRF flag is not
set. Also, subsequent serial reception cannot
be continued while the PER flag is set to 1. In
clocked synchronous mode, serial
transmission cannot be continued, either.
[Clearing condition]
• When 0 is written to PER after reading PER =
1
The PER flag is not affected and retains its
previous state when the RE bit in SCR is
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com