Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 913 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 913 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 909Page - Renesas Technology Corp H8S/2424 Datasheet HTML 910Page - Renesas Technology Corp H8S/2424 Datasheet HTML 911Page - Renesas Technology Corp H8S/2424 Datasheet HTML 912Page - Renesas Technology Corp H8S/2424 Datasheet HTML 913Page - Renesas Technology Corp H8S/2424 Datasheet HTML 914Page - Renesas Technology Corp H8S/2424 Datasheet HTML 915Page - Renesas Technology Corp H8S/2424 Datasheet HTML 916Page - Renesas Technology Corp H8S/2424 Datasheet HTML 917Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 913 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 885 of 1270
REJ09B0466-0100
Yes
<End>
[1]
No
Initialization
Start of reception
No
Yes
[4]
Clear RE bit in SCR to 0
Error handling
(Continued on
next page)
[5]
No
Yes
FER
∨ ORER = 1?
RDRF = 1?
All data received?
Set MPIE bit in SCR to 1
[2]
Read ORER and FER flags in SSR
Read RDRF flag in SSR
[3]
Read receive data in RDR
No
Yes
This station's ID?
Read ORER and FER flags in SSR
Yes
No
Read RDRF flag in SSR
No
Yes
FER
∨ ORER = 1?
Read receive data in RDR
RDRF = 1?
SCI initialization:
The RxD pin is automatically
designated as the receive data
input pin.
ID reception cycle:
Set the MPIE bit in SCR to 1.
SCI status check, ID reception
and comparison:
Read SSR and check that the
RDRF flag is set to 1, then read
the receive data in RDR and
compare it with this station’s ID.
If the data is not this station’s ID,
set the MPIE bit to 1 again, and
clear the RDRF flag to 0.
If the data is this station’s ID,
clear the RDRF flag to 0.
SCI status check and data
reception:
Read SSR and check that the
RDRF flag is set to 1, then read
the data in RDR.
Receive error handling and break
detection:
If a receive error occurs, read the
ORER and FER flags in SSR to
identify the error. After
performing the appropriate error
handling, ensure that the ORER
and FER flags are both cleared
to 0.
Reception cannot be resumed if
either of these flags is set to 1.
In the case of a framing error, a
break can be detected by reading
the RxD pin value.
[1]
[2]
[3]
[4]
[5]
Figure 15.13 Sample Multiprocessor Serial Reception Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com