Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 923 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 923 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 919Page - Renesas Technology Corp H8S/2424 Datasheet HTML 920Page - Renesas Technology Corp H8S/2424 Datasheet HTML 921Page - Renesas Technology Corp H8S/2424 Datasheet HTML 922Page - Renesas Technology Corp H8S/2424 Datasheet HTML 923Page - Renesas Technology Corp H8S/2424 Datasheet HTML 924Page - Renesas Technology Corp H8S/2424 Datasheet HTML 925Page - Renesas Technology Corp H8S/2424 Datasheet HTML 926Page - Renesas Technology Corp H8S/2424 Datasheet HTML 927Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 923 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 895 of 1270
REJ09B0466-0100
15.7
Operation in Smart Card Interface Mode
The SCI supports an IC card (Smart Card) interface conforming to ISO/IEC 7816-3 (Identification
Card) as a serial communication interface extension function. Switching between the normal serial
communication interface and the Smart Card interface is carried out by means of a register setting.
15.7.1
Pin Connection Example
Figure 15.21 shows an example of connection with the Smart Card. In communication with an IC
card, since both transmission and reception are carried out on a single data transmission line, the
TxD pin and RxD pin should be connected with the LSI pin. The data transmission line should be
pulled up to the V
CC power supply with a resistor. If an IC card is not connected, and the TE and
RE bits are both set to 1, closed transmission/reception is possible, enabling self-diagnosis to be
carried out. When the clock generated on the SCI is used by an IC card, the SCK pin output is
input to the CLK pin of the IC card. This LSI port output is used as the reset signal.
TxD
RxD
This LSI
VCC
I/O
Connected equipment
IC card
Data line
CLK
RST
SCK
Rx (port)
Clock line
Reset line
Figure 15.21 Schematic Diagram of Smart Card Interface Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com