Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 967 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 967 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 963Page - Renesas Technology Corp H8S/2424 Datasheet HTML 964Page - Renesas Technology Corp H8S/2424 Datasheet HTML 965Page - Renesas Technology Corp H8S/2424 Datasheet HTML 966Page - Renesas Technology Corp H8S/2424 Datasheet HTML 967Page - Renesas Technology Corp H8S/2424 Datasheet HTML 968Page - Renesas Technology Corp H8S/2424 Datasheet HTML 969Page - Renesas Technology Corp H8S/2424 Datasheet HTML 970Page - Renesas Technology Corp H8S/2424 Datasheet HTML 971Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 967 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 939 of 1270
REJ09B0466-0100
TDRE
SCL
(master output)
SDA
(master output)
SDA
(slave output)
TEND
[5] Write data to ICDRT (third byte).
ICDRT
ICDRS
[2] Instruction of start
condition issuance
[3] Write data to ICDRT (first byte).
[4] Write data to ICDRT (second byte).
User
processing
1
Bit 7
Slave address
Address + R/W
Data 1
Data 1
Data 2
Address + R/W
Bit 6
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
21
2
34
56
78
9
A
R/W
Figure 16.5 Master Transmit Mode Operation Timing 1
TDRE
[6] Issue stop condition. Clear TEND.
[7] Set slave receive mode
TEND
ICDRT
ICDRS
1
9
2
34
56
78
9
A
A/
A
SCL
(master output)
SDA
(master output)
SDA
(slave output)
Bit 7
Bit 6
Data n
Data n
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
[5] Write data to ICDRT.
User
processing
Figure 16.6 Master Transmit Mode Operation Timing 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com