Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 977 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 977 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 973Page - Renesas Technology Corp H8S/2424 Datasheet HTML 974Page - Renesas Technology Corp H8S/2424 Datasheet HTML 975Page - Renesas Technology Corp H8S/2424 Datasheet HTML 976Page - Renesas Technology Corp H8S/2424 Datasheet HTML 977Page - Renesas Technology Corp H8S/2424 Datasheet HTML 978Page - Renesas Technology Corp H8S/2424 Datasheet HTML 979Page - Renesas Technology Corp H8S/2424 Datasheet HTML 980Page - Renesas Technology Corp H8S/2424 Datasheet HTML 981Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 977 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 949 of 1270
REJ09B0466-0100
No
Yes
RDRF=1 ?
No
Yes
RDRF=1 ?
Last receive
- 1?
Mater receive mode
Clear TEND in ICSR
Set TRS = 0 (ICCRA)
Clear TDRE of ICSR
Set ACKBT = 0 (ICIER)
Dummy read ICDRR
Read RDRF in ICSR
Read ICDRR
Set ACKBT = 1 (ICIER)
Set RCVD = 1 (ICCRA)
Read ICDRR
Read RDRF in ICSR
Write BBSY = 0
and SCP = 0
Read STOP of ICSR
Read ICDRR
Set RCVD = 0 (ICCRA)
Set MST = 0 (ICCRA)
End
Note:
* Ensure that no interrupts are received while steps [1] through [3] are being processed.
Additional information: If only one byte is received, steps [2] through [6] are omitted following step [1],
and processing jumps to step [7]. Step [8] is ICDDR dummy read.
No
Yes
STOP=1 ?
No
Yes
[1]
Clear TEND, select master receive mode, and then clear TDRE.*
[2]
Set acknowledge to the transmitting device.*
[3]
Dummy read ICDDR.*
[4]
Wait for 1 byte to be received.
[5]
Check if the (last receive - 1).
[6]
Read the receive data.
[7]
Set acknowledge of the final byte. Disable continuous receive (RCVD = 1).
[8]
Read receive data of (final byte - 1).
[9]
Wait for the final byte to be received.
[10] Clear STOP flag.
[11] Stop condition issuance.
[12] Wait for the generation of stop condition.
[13] Read the receive data of the final byte.
[14] Clear RCVD to 0.
[15] Set slave receive mode.
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
Clear STOP in ICSR
[10]
[9]
[11]
[12]
[13]
[14]
[15]
Figure 16.15 Sample Flowchart for Master Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com