Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1023 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1023 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1019Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1020Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1021Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1022Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1024Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1025Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1027Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1023 / 1302 page
background image
Section 18 D/A Converter
Rev. 1.00 Sep. 19, 2008 Page 995 of 1270
REJ09B0466-0100
18.4
Operation
The D/A converter includes D/A conversion circuits for two channels, each of which can operate
independently. When DAOE bit in DACR23 is set to 1, D/A conversion is enabled and the
conversion result is output. The following shows an example of D/A conversion on channel 2.
Figure 18.2 shows the timing of this operation.
1. Write the conversion data to DADR2.
2. Set the DAOE2 bit in DACR23 to 1. D/A conversion is started. The conversion result is output
from the analog output pin DA2 after the conversion time t
DCONV has elapsed. The conversion
result is continued to output until DADR2 is written to again or the DAOE2 bit is cleared to 0.
The output value is expressed by the following formula:
DADR contents
256
× Vref
3. If DADR2 is written to again, the conversion is immediately started. The conversion result is
output after the conversion time t
DCONV has elapsed.
4. If the DAOE2 bit is cleared to 0, analog output is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com