Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1029 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1029 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1025Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1031Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1032Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1033Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1029 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1001 of 1270
REJ09B0466-0100
19.2
Input/Output Pins
Table 19.1 shows the SSU pin configuration.
Table 19.1
Pin Configuration
Channel
Symbol
I/O
Function
0
SSCK0
I/O
SSU clock input/output
SSI0
I/O
SSU data input/output
SSO0
I/O
SSU data input/output
SCS0
I/O
SSU chip select input/output
Note:
*
Because channel numbers are omitted in later descriptions, these are shown SSCK,
SSI, SSO, and
SCS.
19.3
Register Descriptions
The SSU has the following registers.
• SS control register H_0 (SSCRH_0)
• SS control register L_0 (SSCRL_0)
• SS mode register_0 (SSMR_0)
• SS enable register_0 (SSER_0)
• SS status register_0 (SSSR_0)
• SS control register 2_0 (SSCR2_0)
• SS transmit data register 0_0 (SSTDR0_0)
• SS transmit data register 1_0 (SSTDR1_0)
• SS transmit data register 2_0 (SSTDR2_0)
• SS transmit data register 3_0 (SSTDR3_0)
• SS receive data register 0_0 (SSRDR0_0)
• SS receive data register 1_0 (SSRDR1_0)
• SS receive data register 2_0 (SSRDR2_0)
• SS receive data register 3_0 (SSRDR3_0)
• SS shift register_0 (SSTRSR_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com